Part Number Hot Search : 
0KGKT TC123 AN8028 GRM319 GRM319 GRM319 2SC5462 C1735
Product Description
Full Text Search
 

To Download SF808G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF801G THRU SF808G
8.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range 50 to 600 Volts Current 8.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220
Mechanical Data
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MIL-STD202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260oC/10 seconds .16",(4.06mm) from case. Weight: 2.24 grams
PIN 1 PIN 3 Positive CT CASE PIN 2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% SF SF SF Symbol SF Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 4.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Maximum Reverse Recovery Tim (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Temperature Range
SF SF SF SF 801G 802G 803G 804G 805G 806G 807G 808G
Units V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj RJC TJ
50 35 50
100 150 200 300 400 500 600 70 105 140 210 280 350 420 100 150 200 300 400 500 600 8.0 125 0.975 10.0 400 35 70 50 1.3 1.7
V uA uA nS pF /W
3.0 -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Thermal Resistance from Junction to Case Mounted on Heatsink. Size of 2 in x 3 in x 0.25 in, Al-Plate.
- 260 -
RATINGS AND CHARACTERISTIC CURVES (SF801G THRU SF808G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
AVERAGE FORWARD CURRENT. (A)
10 8
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
INSTANTANEOUS REVERSE CURRENT. ( A)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
TJ=100 0C
6 4 2 0
100
10
0
50 CASE TEMPERATURE. ( C)
o
100
150
TJ=25 0C
PEAK FORWARD SURGE CURRENT. (A)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
150
TJ=125 0C
1
120
8.3ms Single Half Sine Wave JEDEC Method
0.1
0
20
40
60
80
100
120
140
90 60 30 0
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL FORWARD CHARACTERISTICS
100 30
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD CURRENT. (A)
10
SF 80 1G ~S F8 04 5G G ~S F8 06 G
SF 80
FIG.5- TYPICAL JUNCTION CAPACITANCE
100
Tj=25 C
0
3.0 1.0
90
CAPACITANCE.(pF)
80 70 60 50 40 1 2 5 10 20 50 100 200 500 1000 REVERSE VOLTAGE. (V)
0.3 0.1
80 SF 1G 80 ~S 5G F8 ~S 04 F8 G 08 G
SF
0.03 0.01 0.4
0.6
0.8
SF 80 7G ~S F8 08 G
Tj=25oC Pulse Width=300 s 1% Duty Cycle
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
- 261 -


▲Up To Search▲   

 
Price & Availability of SF808G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X